PART |
Description |
Maker |
SFW9R-1STE1LF SFW9R-1STLF SFW9R-2STE1LF SFW9R-2STL |
LIST OF SFW_R-1/STE1LF CUSTOMER DOCUMENT 1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST 1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST LIST OF SFW_R-1/STE1LF CUSTOMER DOCUMENT
|
FCI connector
|
FKV550N |
Specifications List by Part Number
|
Sanken electric
|
DS804 |
The following tables list the external slave signals and master
|
Xilinx, Inc
|
ADUC7032-8L |
ADuC7032-8L: Silicon Anomaly List (Rev B, 5/2010)
|
Analog Devices
|
R5F21332GKSP R5F21326GJSP R5F21324GJSP R5F21324GKS |
Refer to Table 1.5 Product List for R8C/32G Group.
|
Renesas Electronics Corporation
|
HFW5R-1SSTLF HFW25R-1SSTLF HFW6R-1SSTLF HFW23R-1SS |
1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST 1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
|
FCI connector
|
LF-SPXO018044 |
Common frequencies are available from stock. Please see stock list or contact sales office
|
List of Unclassifed Manufacturers
|
S3C2400X |
PDA/Smart PDA/Web Phone Known Problem List
|
Samsung Electronic
|
DSP56303EVMCL |
DSP56303EVM DSP56303EVM Kit Contents List
|
Motorola
|
SIQ1048-1R8 |
Power Switch ICs for Express Card™; Package: SSOP-B20; Constitution materials list: Packing style: Tube packaging; Package quantity: 25; Minimum package quantity: 2000; Power Switch ICs for Express Card™; Package: SSOP-B20; Constitution materials list: Packing style: Tube packaging; Package quantity: 25; Minimum package quantity: 2000; SMT功率电感
|
Delta Electronics, Inc.
|
PL342 PL34120191000GDDC PL34120191000KKEX PL341201 |
High Sensitivity Chip Sensors Sideview Type; Type: Sideview Resin; Peak sensitivity wavelength P (nm): 800; Viewing angle 1/2 (deg): ±14; Dark Infrared Light Emitting Diodes Top View Type; Type: Surface Mount Type (Sideview); Peak light emitting wavelength P (nm): 950; Half viewing angle Infrared Light Emitting Diodes Top View Type; Type: Sideview Resin; Peak light emitting wavelength P (nm): 950; Half viewing angle 1/2 (deg): ± High Sensitivity Chip Sensors Sideview Type; Type: Sideview Resin; Peak sensitivity wavelength P (nm): 800; Viewing angle 1/2 (deg): ±32; Dark Printheads for Packaging High-Speed Printers; Resolutions (dpi): 203; Print width (mm): 56; Resistance tolerance (O): 550; Platen diameter (max.)(f): 50; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Distribution or Food Labels; Resolutions (dpi): 203; Print width (mm): 112; Resistance tolerance (O): 550; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Fast Recovery Diodes; Mounting style: Leaded type; Package size: 3.0x2.5(t=2.5); Number of terminal: 2; Reverse voltage VR(V): 200; Average rectified forward current IO(A): 1; Schottky Barrier Diodes; Package: TO220FN; Constitution materials list: Packing style: Bulk; Package quantity: 500; Printheads for Distribution or Food Labels; Resolutions (dpi): 300; Print width (mm): 108.4; Resistance tolerance (O): 850; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Distribution or Food Labels; Resolutions (dpi): 300; Print width (mm): 81.3; Resistance tolerance (O): 850; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Distribution or Food Labels; Resolutions (dpi): 203; Print width (mm): 56; Resistance tolerance (O): 550; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Distribution or Food Labels; Resolutions (dpi): 300; Print width (mm): 54.2; Resistance tolerance (O): 850; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Fast Recovery Diodes; Mounting style: Surface mount; Package size: 2.6x1.6(t=0.8); Number of terminal: 2; Reverse voltage VR(V): 200; Average rectified forward current IO(A): 0.7; Fast Recovery Diodes; Mounting style: Surface mount; Package size: 1.9x1.3(t=0.6); Number of terminal: 2; Reverse voltage VR(V): 100; Average rectified forward current IO(A): 0.5; Printheads for Packaging High-Speed Printers; Resolutions (dpi): 300; Print width (mm): 54.2; Resistance tolerance (O): 850; Platen diameter (max.)(f): 50; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Packaging High-Speed Printers; Resolutions (dpi): 203; Print width (mm): 112; Resistance tolerance (O): 550; Platen diameter (max.)(f): 50; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Packaging High-Speed Printers; Resolutions (dpi): 300; Print width (mm): 108.4; Resistance tolerance (O): 850; Platen diameter (max.)(f): 50; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; High Sensitivity Chip Sensors Sideview Type; Type: Surface Mount Type; Peak sensitivity wavelength P (nm): 800; Viewing angle 1/2 (deg): ±12; Dark current ICEO (Max.)(µA): 0.5; Response time tr·tf (µA): 10; Yes; Reflective Type Photosensors (Photoreflectors); Type: Cased Type; Light Emitting Diode: 630; Phototransistor: 600; Collector current IC (Min.)(mA): 0.08; Response time tr·tf (µs): 10; Photointerrupter General Type; Packing style: Plastic bag; Package quantity: 400; 塑料无引线芯片载 Plastic Leadless Chip Carrier 塑料无引线芯片载 Printheads for Distribution or Food Labels; Resolutions (dpi): 203; Print width (mm): 80; Resistance tolerance (O): 550; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; 塑料无引线芯片载 Lead Frame Remote Control Receiver Modules (5V Type); Packing style: Stick; Package quantity: 1000; 塑料无引线芯片载 660/780nm Dual Wave Low Power Lasers; Packing style: Tray; Package quantity: 500; 塑料无引线芯片载 Fast Recovery Diodes; Mounting style: Leaded type; Package size: 15x10(t=4.5); Number of terminal: 3; Reverse voltage VR(V): 200; Average rectified forward current IO(A): 20; 塑料无引线芯片载 Fast Recovery Diodes; Mounting style: Leaded type; Package size: 15x10(t=4.5); Number of terminal: 3; Reverse voltage VR(V): 400; Average rectified forward current IO(A): 20; 塑料无引线芯片载 Fast Recovery Diodes; Mounting style: Surface mount; Package size: 5.5x6.5(t=2.3); Number of terminal: 3; Reverse voltage VR(V): 200; Average rectified forward current IO(A): 6;
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|